Part Number Hot Search : 
SB113 MHW72 AN584 5160HR MPC942P WM8904 SG7805AR 5000F
Product Description
Full Text Search
 

To Download HHXC500ARA100ME61G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hxc series ? high reliability and high voltage are realized by hybrid electrolyte ? endurance with ripple current : 4,000 hours at 125 ? rated voltage range : 16 to 63v dc , capacitance range : 6.8 to 470f ? for high temperature and high reliability applications. (automotive equipment, base station equipment, etc.) ? rohs compliant ? halogen free ? aec-q200 compliant : please contact chemi-con for more details, test data, information. specifications items characteristics category temperature range -55 to +125 rated voltage range 16 to 63v dc capacitance tolerance 20% (m) (at 20 , 120hz) leakage current i=0.01cv where, i : max. leakage current ( a , c: nominal capacitance( f , v : rated voltage(v) (at 20 after 2 minutes) dissipation factor (tan  ) rated voltage(v dc ) 16v 25v 35v 50v 63v (at 20 , 120hz) tan ? max.) 0.16 0.14 0.12 0.10 0.08 low temperature characteristics (max. impedance ratio) z(-25 )/z(+20 ) Q 1.5 z(-55 )/z(+20 ) Q 2.0 (at 100khz) endurance the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjected to dc voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for 4,000 hours at 125 . capacitance change Q 30% of the initial value d.f. (tan ) Q 200% of the initial speci?ed value esr Q 200% of the initial speci?ed value leakage current Q the initial speci?ed value shelf life the following speci?cations shall be satis?ed when the capacitors are restored to 20 after exposing them for 1,000 hours at 125 without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change Q 30% of the initial value d.f. (tan ) Q 200% of the initial speci?ed value esr Q 200% of the initial speci?ed value leakage current Q the initial speci?ed value bias humidity test the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjecting them to the dc rated voltage at 85 , 85% rh for 2,000 hours. appearance no signi?cant damage capacitance change Q 30 of the initial value d.f. tan ? Q 200 of the initial speci?ed value esr Q 200 of the initial speci?ed value leakage current Q the initial speci?ed value new! higher temperature hxc hxd p74 dimensions [mm] d0.5 l 0.3 (note) 0.3max. a 0.2 w c 0.2 b 0.2 p note : l 0.5 for ha0 and ja0 d0.5 b 0.2 l 0.5 0.3max. a 0.2 w c 0.2 p : dummy terminals siz e code : e61 to ja0 terminal code : g(vibration resistant structure) size code : ha0 and ja0 terminal code : a vent for ja0 vent for ja0 size code  d l a b c w p e61 5 5.8 5.3 5.3 5.9 0.5 to 0.8 1.4 f61 6.3 5.8 6.6 6.6 7.2 0.5 to 0.8 1.9 f80 6.3 7.7 6.6 6.6 7.2 0.5 to 0.8 1.9 ha0 8 10.0 8.3 8.3 9.0 0.7 to 1.1 3.1 ja0 10 10.0 10.3 10.3 11.0 0.7 to 1.1 4.5 part numbering system supplement code size code capacitance tolerance code taping code terminal code voltage code (ex. 35v:350, 50v:500) series code category h h x c r a g m 1 3 42 6 7 8 9 10 1312 5 181716 11 1514 capacitance code (ex. 47f:470, 100 f:101) p lea se r efe r to "product code guide (conduct ive polyme r hybrid type )" marking 47e 270 v hc ex) 35v270f rated voltage symbol rated voltage (v dc ) 16 25 35 50 63 symbol c e v h j 72 surface mount product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer hybrid aluminum electrolytic capacitors
hxc series standard ratings wv (v dc ) cap (f) size code esr  m 
max./20 ? , 100khz  rated ripple current  marms/125 ? , 100khz) part no. 16 47 e61 80 550 hhxc160ara470me61g 82 f61 45 950 hhxc160ara820mf61g 150 f80 27 1,450 hhxc160ara151mf80g 270 ha0 22 1,700 hhxc160 ra271mha0g 470 ja0 18 2,100 hhxc160 ra471mja0g 25 33 e61 80 550 hhxc250ara330me61g 47 f61 50 900 hhxc250ara470mf61g 56 f61 50 900 hhxc250ara560mf61g 68 f80 30 1,400 hhxc250ara680mf80g 100 f80 30 1,400 hhxc250ara101mf80g 150 ha0 27 1,600 hhxc250 ra151mha0g 220 ha0 27 1,600 hhxc250 ra221mha0g 270 ja0 20 2,000 hhxc250 ra271mja0g 330 ja0 20 2,000 hhxc250 ra331mja0g 35 22 e61 100 550 hhxc350ara220me61g 27 f61 60 900 hhxc350ara270mf61g 47 f61 60 900 hhxc350ara470mf61g 47 f80 35 1,400 hhxc350ara470mf80g 68 f80 35 1,400 hhxc350ara680mf80g 100 ha0 27 1,600 hhxc350 ra101mha0g 150 ha0 27 1,600 hhxc350 ra151mha0g 150 ja0 20 2,000 hhxc350 ra151mja0g 270 ja0 20 2,000 hhxc350 ra271mja0g 50 10 e61 120 500 HHXC500ARA100ME61G 10 f61 80 750 hhxc500ara100mf61g 15 f80 40 1,100 hhxc500ara150mf80g 22 f61 80 750 hhxc500ara220mf61g 33 f80 40 1,100 hhxc500ara330mf80g 33 ha0 30 1,250 hhxc500 ra330mha0g 47 ha0 30 1,250 hhxc500 ra470mha0g 56 ja0 25 1,600 hhxc500 ra560mja0g 68 ha0 30 1,250 hhxc500 ra680mha0g 100 ja0 25 1,600 hhxc500 ra101mja0g 120 ja0 25 1,600 hhxc500 ra121mja0g 63 6.8 f61 120 700 hhxc630ara6r8mf61g 10 f61 120 700 hhxc630ara100mf61g 10 f80 80 900 hhxc630ara100mf80g 22 f80 80 900 hhxc630ara220mf80g 22 ha0 40 1,100 hhxc630 ra220mha0g 33 ha0 40 1,100 hhxc630 ra330mha0g 33 ja0 30 1,400 hhxc630 ra330mja0g 47 ha0 40 1,100 hhxc630 ra470mha0g 56 ja0 30 1,400 hhxc630 ra560mja0g 82 ja0 30 1,400 hhxc630 ra820mja0g : enter the appropriate terminal code. new! 73 surface mount product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer hybrid aluminum electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of HHXC500ARA100ME61G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X